|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Industrial Monitor kit 12.1" 1200 nits, TFT, DC, VGA, AV Features Wide Viewing Angle Fast Response Time High Contrast Ratio Very High Brightness Sunlight Readable AP-LKLH1226-01 1 Medical Station Solutions ONYX Series Fanless Operator Panel Solutions OMNI Series 2 3 Robust Panel PC Solutions 4 5 Ordering Information Industrial Workststion Solutions Specifications System Form Factor OS Support Display Size Resolutions Type Max. Colors Dot Size Luminance Contrast Ratio Viewing Angle Back Light MTBF Brightness Control LCD Interface VGA input Video input S-video input I/O Video Mechanical and Environmental Power Requirement Operating Temperature Operating Humidity Storage Humidity Dimension Net Weight 12V DC 0~50C 80% 80% 277.4(w) x 204.6(H) x 27(D) 0.8kg 1 x S-video in/ 1 x Video-in 12.1" 1024 x 768 TFT 262K 0.24 x 0.24 1200 nit 500:1 140/125(Typ.) 50000 Yes LVDS Yes Yes Yes Industrial Monitor MS DOS, Windows(R) 2000, Windows(R) XP * AP-LKLH1226-01 Industial Monitor Solutions Industrial Monitor Kit 12.1" 1200 nits, TFT, DC, VGA, AV. 6 Embedded Control PCBOXER Series Accessory Sunreadable LCD Monitors 7 8 Common Accessories www.aaeon.com 7-6 |
Price & Availability of AP-LKLH1226-01 |